Part Number Hot Search : 
M35080MN 9930M M35080MN AS4C4 PWR12XX C3420 UF4003S 16F63
Product Description
Full Text Search
 

To Download MCM-MOTOR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BASEBOAR D S F O R S T E P P E R M O D U L E S
M O D U LES
TMCM-E VAL
Eval uati on B aseb oard for TMCM -100 , TM CM-3 01, TMCM -302 or TMCM -303
1 0 mm
M A IN CH A R AC T ER IS T IC S
INFO
The TMCM-EVAL is a baseboard which allows to evaluate the operation of the TMCM-Modules. All interface signals of the respective are available on screw terminal connectors. The inputs can be switched and the outputs are seen via LEDs. An integrated stepper motor driver TMC236 allows the operation of a 2 phase stepper motor when using the TMCM-100 or to the TMCM-301.
ELECTRICAL DATA
* single DC supply voltage required (7V to 34V) * Interface: RS-232, RS-485, CAN * 8 digital/analog inputs (5V), with DIP-switch and screw connectors * 8 digital outputs (5V) with control LEDs and screw connectors * 2 switch inputs (5V) per axis on screw terminals
INTERFACE
FEATURES
* 1 slot for TMCM-Module (TMCM-100, -301, -302 or -303) * integrated 5V switching voltage regulator * 1 axis motor driver with 1.1A/34V (TMC236) used with TMCM-100, -301
OTHER
* RoHS compliant * size: 160 x 100 mm
8
I/Os
48
Status LEDs
TMCM-EVAL
Output variations depend on Module
RS-232
RS-485
Step Step Step 3x Motor Motor Motor
Step Motor
ABN
TMCM-303
TMC Module
100, 301, 302, or 303
Driver
TMC236
TMCM-100, 301 or 302
CAN
7..28.5V DC
5V Power Supply
22
DIP Switches
Encoder
Encoder for TMCM-100 only
OR DE R C O DE
D E S C RI P T I ON
TMCM-EVAL or TMCM-Baseboard TMCM-MOTOR
Evaluation baseboard for TMCM-100, TMCM-301, TMCM-302 or TMCM-303 Testmotor: 2-phase hybrid stepper motor with 42 mm flange
www.trinamic.com - for detailed information and datasheets
57


▲Up To Search▲   

 
Price & Availability of MCM-MOTOR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X